PART |
Description |
Maker |
LMV321 |
General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
|
Exar Corporation
|
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
OP162DRU OP262 OP262DRU OP462 OP462DRU OP462HRU OP |
15 MHz Rail-to-Rail Operational Amplifier, Quad 15 MHz Rail-to-Rail Operational Amplifier, Dual 15 MHz Rail-to-Rail Operational Amplifier, Single 15 MHZ RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
|
AD[Analog Devices]
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
AD851907 AD8519AKSZ-REEL7 AD8519AR-REEL AD8519AR-R |
8 MHz Rail-to-Rail Operational Amplifiers 8 MHz Rail-to-Rail Operational Amplifier; Package: SC70; No of Pins: 5; Temperature Range: Industrial OP-AMP, 1300 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDSO5
|
Analog Devices, Inc.
|
KBPC15005 KBPC1510 KBPC1501 KBPC1502 KBPC1504 KBPC |
Quad Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 14-TSSOP 0 to 70 SINGLE PHASE SILICON BRIDGE RECTIFIER Advanced LinCMOS(TM) Rail-To-Rail Dual Operational Amplifier 8-PDIP -40 to 125
|
Shanghai Sunrise Electronics Co., LTD. SSE[Shanghai Sunrise Electronics]
|
AD856803 AD8570ACP-REEL7 AD8570ACP-R2 AD8569ARM-R2 |
16V Rail-to-Rail Buffer Amplifier 10-Lead MSOP 16V Rail-to-Rail Buffer Amplifier 32-Lead LFCSP 16 V Rail-to-Rail Buffer Amplifiers
|
Analog Devices
|
KM4270 KM4270IC8 KM4270IM8 KM4270IM8TR3 KM4270IC8T |
XTAL MTL SMT HC49/USM 双路,低成本.7VV的,轨对轨输输出放大 Dual/ Low Cost/ 2.7V and 5V/ Rail-to-Rail I/O Amplifier Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MAX985 MAX985-MAX994 MAX990EKA-T MAX990EUA MAX989E |
1Gbps.High-Speed Limiting Amplifier with Chatter-Free Loss of Signal Detection[MAX3262/MAX3262C/D/MAX3262CAG/MAX3262CAG-T ] Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD823AR AD823AR-REEL |
Dual/ 16 MHz/ Rail-to-Rail FET Input Amplifier Dual, 16 MHz, Rail-to-Rail FET Input Amplifier RECTIFIER SCHOTTKY SINGLE 8A 30V 200A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE
|
Analog Devices, Inc.
|
AD8616ARM-R2 AD8616ARMZ1 AD8616ARMZ-REEL1 AD8616AR |
Precision 20 MHz CMOS Dual Rail-to-Rail Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 800 uV OFFSET-MAX, 23 MHz BAND WIDTH, PDSO8 Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
MAX4511 MAX4511CPE MAX4511CSE MAX4511EPE MAX4511ES |
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches Quad, Rail-to-Rail, Fault-Protected,SPST Analog Switches Quad Rail-to-Rail Fault-Protected SPST Analog Switches Quad / Rail-to-Rail / Fault-Protected / SPST Analog Switches 16-bit fixed point DSP with Flash 100-LQFP -40 to 85
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|